Part Number Hot Search : 
AT8989UP AP8453 2810M3 D1170 KMM536 LV8095LQ LBN07092 80NF10
Product Description
Full Text Search
 

To Download HDM16216L-7-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 88 pin connections pin no. symbol level function 1v ss -0v power supply 2v dd -5v 3v l -- 4rsh/lh: data input l: instruction data input 5 r/w h/l h: data read l: data write 6 e h,h->l enable signal 7d0h/l data bus 8d1h/l 9d2h/l 10 d3 h/l 11 d4 h/l 12 d5 h/l 13 d6 h/l 14 d7 h/l 15 a - anode for led backlight 16 k - cathode for led backlight electrical characteristics (vdd=5.00.25v 25c) parameter sym condition min typ max unit power supply current i dd v dd =5.0v - 0.8 2.0 ma power supply for lcd v dd -v l t a =25c 4.2 4.7 5.2 v led forward vtg (white) v f i f =20ma 3.2 3.4 3.7 v (yellow) i f =120ma 3.9 4.1 4.5 brightness (white led) l i f =20ma 4865- cd/m 2 (yellow led) i f =120ma 30 50 - drive method 1/16 duty absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss 07.0v supply voltage for lcd v dd -v l 0 13.5 v operating temperature t op 050c storage temperature t stg -20 70 c led forward current (white) i f - 30 ma (yellow) - 200 led reverse voltage (white) v r - 5 v (yellow) - 8 led power consumption (white) p d - 50 mw (yellow) - 900 physical data module size ...............................122.0w x 44.0h x 14.5t mm thin version.............122.0w x 44.0h x 13.0t mm viewing area size......................................99.0w x 24.0h mm weight.................................................................................54g features character format .................................. 5x7 dots with cursor backlight...................................................white or yellow led options.......................................gray stn/yellow stn, fstn 12 o?clock/6 o?clock view normal/extended temperature normal/negative displays block diagram d0 - d7 e r/w rs v l v dd v ss k a lcd controller hd44780 or equivalent lcd panel led backlight com 1 - 16 seg 40 4 driver 40 resistor supplied by user dimensional drawing 2.54x15=38.1 1 14.5 max 10.0 1.6 16- 1.0 hole 4- 3.5 hole 4.84 1.16 0.06 0.92 1.1 0.5 0.06 9.66 11.0 0.68 44.0 37.0 36.0 24.0 115.0 106.0 99.0 122.0 14 16 character x 2 lines, large character, led backlight dimension tolerance: +/-0.3mm a k 15 16 hdm16216l-7 13.0 max (t) 8.0 (t) (t) = thin version 20.0 2.5


▲Up To Search▲   

 
Price & Availability of HDM16216L-7-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X